Part Number Hot Search : 
AN124 20ECB BS521 AK8135F C471MPD 7244S XFVOIP SD1030S
Product Description
Full Text Search
 

To Download ITS-P-09010NW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications herein are subject to change without notice. contact hirose for latest specifications, drawings, or availabilities. ITS-P-09010NW (page 1 of 10) issued: feb. 5, 2010 df57 series 1.2 mm pitch, low profile ?swing lock? wire to board connector for power supply ? features 1. 1.2 mm pitch, 1.4 mm he ight, low profile connector 2. ?swing lock?; both positive and fr iction locks are provided for cable pull force resistance 3. high current capability; 2.5 amps (2 pos. with awg#28 cable) 4. solder wicking prevention 5. high contact lance strength 6. 0.5 to 0.63 mm dia., awg#30 to 28 cable is applicable 7. rohs compliant 2 pos. 3 pos.
specifications herein are subject to change without notice. contact hirose for latest specifications, drawings, or availabilities. ITS-P-09010NW (page 2 of 10) issued: feb. 5, 2010 1.2 mm pitch, low profile connector 1.4 mm 4 . 1 m m 4.65 mm crimp socket header ? 2 pos. ? 3pos. 4 . 3 5 m m cable: awg #30 to 28, 0.5 to 0.63 mm top view (2 pos.) 5 . 3 m m
specifications herein are subject to change without notice. contact hirose for latest specifications, drawings, or availabilities. ITS-P-09010NW (page 3 of 10) issued: feb. 5, 2010 ?swing lock? ? hirose?s unique double lock design mating operation unmating operation 1. insert the cable side first. 2. press down at the lever side. 1. hook the lever. 2. pull up and friction lock is released. friction lock positive lock two locks, positive lock and friction lock are provided in this small connector. clear tactile click! swing lock note: horizontal mating could damage the connector. 3. positive lock is released and removal completes.
specifications herein are subject to change without notice. contact hirose for latest specifications, drawings, or availabilities. ITS-P-09010NW (page 4 of 10) issued: feb. 5, 2010 positive lock structure accidental socket removal by cable pull is avoidable. before mating mated header catching the lock on socket endures min. 5 n force applied by cable pull up. socket header cross section patent patent pending pending swing lock
specifications herein are subject to change without notice. contact hirose for latest specifications, drawings, or availabilities. ITS-P-09010NW (page 5 of 10) issued: feb. 5, 2010 friction lock structure -sudden decline of load toward mating direction generates clear click feeling, preventing incomplete lock. -friction lock prevents the socket from floating after mated. -just inserting the positive lock does not conduct electricity for safety. mated before mating swing lock positive lock
specifications herein are subject to change without notice. contact hirose for latest specifications, drawings, or availabilities. ITS-P-09010NW (page 6 of 10) issued: feb. 5, 2010 df57 contact features -controlled contact force decreases contact resistance, achieving high current capability -blade male contact is hard to deform 0.42 mm ? long effective mating length ? high current capability rated current for 2 pos. with awg#28 cable: 2.5 amps ? molded in contacts prevents solder wicking male contact no clearance between housing and the contacts, avoiding solder wicking.
specifications herein are subject to change without notice. contact hirose for latest specifications, drawings, or availabilities. ITS-P-09010NW (page 7 of 10) issued: feb. 5, 2010 lance structure patent patent pending pending projected housing lance toward the bottom is pushed up when mated, increasing the hooked area for additional lance strength. crimp socket crimp contact contact lance high lance strength prevents co ntact pulling loose during wiring. housing lance header lance is provided to the socket bottom. header ? lance strength cavity of housing lance faces to the header mated, preventing dust intrusion to the contact. mated
specifications herein are subject to change without notice. contact hirose for latest specifications, drawings, or availabilities. ITS-P-09010NW (page 8 of 10) issued: feb. 5, 2010 recommended pcb layout ? 2 pos. ? 3 pos. no conductive trace. no.3 contact no.1 contact no.1 contact no.2 contact
specifications herein are subject to change without notice. contact hirose for latest specifications, drawings, or availabilities. ITS-P-09010NW (page 9 of 10) issued: feb. 5, 2010 application example notebook pc industrial robot led lighting digital camera mobile phone lcd tv modules -led module -touch panel -small sized battery -small sized motor -vibrator etc.
specifications herein are subject to change without notice. contact hirose for latest specifications, drawings, or availabilities. ITS-P-09010NW (page 10 of 10) issued: feb. 5, 2010 specifications awg#28: 2.0 amps, awg#30: 1.5 amps awg#28: 2.5 amps, awg#30: 1.5 amps 2 pos. ul94v-0, white pbt socket header 10 m ? max. at 20 mv, 1 ma tin-plated phosphor bronze crimp contact ul94v-0, black lcp tin-plated over nickel under plating brass metal fitting awg#28 to 30, 0.5 to 0.63 mm applicable cable 100 m ? min. (100 v dc) insulation resistance contact resistance tin-plated over nickel under plating brass header contact 30 cycles (insertion / withdrawal) durability 500 v ac for 1 minute withstanding voltage -35 c to + 85 c operating temperature 50 v ac / dc rated voltage 3 pos. rated current ? performance characteristics housing finish / remarks material component ? material and finish ? varieties 2 and 3 pos. (4 pos. is under devel opment. 5 and 6 pos. is under study.)


▲Up To Search▲   

 
Price & Availability of ITS-P-09010NW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X